| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
98ASH70029A Datasheet(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
98ASH70029A Datasheet(HTML) 32 Page - NXP Semiconductors |
|
32 / 36 page ![]() Table 19. Pin availability by package pin-count (continued) Pin Number Lowest Priority <-- --> Highest 44-LQFP 32-LQFP 20-TSSOP 16-TSSOP Port Pin Alt 1 Alt 2 Alt 3 Alt 4 18 — — — PTD5 — — — — 19 13 11 — PTC1 — FTM2CH1 ADP9 — 20 14 12 — PTC0 — FTM2CH0 ADP8 — 21 15 13 9 PTB3 KBI0P7 MOSI0 ADP7 — 22 16 14 10 PTB2 KBI0P6 SPSCK0 ADP6 — 23 17 15 11 PTB1 KBI0P5 TXD0 ADP5 — 24 18 16 12 PTB0 KBI0P4 RXD0 ADP4 — 25 19 — — PTA7 — FTM2FAULT2 ADP3 — 26 20 — — PTA6 — FTM2FAULT1 ADP2 — 27 — — — — — — — Vss 28 — — — — — — — VDD 29 — — — PTD4 — — — — 30 21 — — PTD3 — — — — 31 22 — — PTD2 — — — — 32 23 17 13 PTA32 KBI0P3 TXD0 SCL — 33 24 18 14 PTA22 KBI0P2 RXD0 SDA — 34 25 19 15 PTA1 KBI0P1 FTM0CH1 ACMP1 ADP1 35 26 20 16 PTA0 KBI0P0 FTM0CH0 ACMP0 ADP0 36 27 — — PTC7 — TxD1 — — 37 28 — — PTC6 — RxD1 — — 38 — — — PTE2 — MISO0 — — 39 — — — PTE1 — MOSI0 — — 40 — — — PTE0 — SPSCK0 — — 41 29 — — PTC5 — FTM0CH1 — — 42 30 — — PTC4 — FTM0CH0 — — 43 31 1 1 PTA5 IRQ TCLK0 — RESET 44 32 2 2 PTA4 — ACMPO BKGD MS 1. This is a high current drive pin when operated as output. 2. This is a true open-drain pin when operated as output. Note When an alternative function is first enabled, it is possible to get a spurious edge to the module. User software must clear any associated flags before interrupts are enabled. The table above illustrates the priority if multiple modules are enabled. The highest priority module will have control over the pin. Selecting a higher priority pin function with a lower priority function Pinout MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020 32 NXP Semiconductors |