| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RA4M1 Datasheet(PDF) 48 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4M1 Datasheet(HTML) 48 Page - Renesas Technology Corp |
|
48 / 130 page ![]() R01DS0355EJ0100 Rev.1.00 Page 48 of 130 Oct 8, 2019 RA4M1 Group 2. Electrical Characteristics Figure 2.19 Voltage dependency in Low-speed mode (reference data) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 VCC (V) , ICLK = 1 MHz*2 Ta = 105 C , ICLK = 1 MHz Ta = 25 C *1 , ICLK = 1 MHz *1 Ta = 25 C Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the actual measurements of the sample cores during product evaluation. Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the actual measurements for the upper limit samples during product evaluation. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |