| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L4R5VGJ6STR Datasheet(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4R5VGJ6STR Datasheet(HTML) 65 Page - STMicroelectronics |
|
65 / 307 page ![]() DS12023 Rev 5 65/307 STM32L4R5xx, STM32L4R7xx and STM32L4R9xx Functional overview 65 3.44.2 Embedded Trace Macrocell™ The Arm® Embedded Trace Macrocell provides a greater visibility of the instruction and data flow inside the CPU core by streaming compressed data at a very high rate from the STM32L4Rxxx devices through a small number of ETM pins to an external hardware trace port analyzer (TPA) device. Real-time instruction and data flow activity be recorded and then formatted for display on the host computer that runs the debugger software. TPA hardware is commercially available from common development tool vendors. The Embedded Trace Macrocell operates with third party debugger software tools. |