| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L4R5VGJ6STR Datasheet(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4R5VGJ6STR Datasheet(HTML) 77 Page - STMicroelectronics |
|
77 / 307 page ![]() XXX Table 15. STM32L4Rxxx pin definitions Pin number STM32L4R5xxx, STM32L4R7xxx STM32L4R9xxx - ----- M11 M11 --- -- M11 VSS S - - - - - ----- C1 C1 --- -- C1 VDD S - - - - - ----- C3 C3 --- -- C3 PI11 I/O FT - OCTOSPIM_P2_IO0, EVENTOUT - 1 B2 B2 1 1 B11 D3 D3 1 1 C3 B11 B11 D3 PE2 I/O FT_l - TRACECK, TIM3_ETR, SAI1_CK1, TSC_G7_IO1, LCD_R0, FMC_A23, SAI1_MCLK_A, EVENTOUT - 2 A1 A1 2 2 C11 D2 D2 2 2 B3 C11 C11 D2 PE3 I/O FT_l - TRACED0, TIM3_CH1, OCTOSPIM_P1_DQS, TSC_G7_IO2, LCD_R1, FMC_A19, SAI1_SD_B, EVENTOUT - |