Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VGJ3STR Datasheet(PDF) 86 Page - STMicroelectronics

No. de pieza STM32L4R5VGJ3STR
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3STR Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32L4R5VGJ3STR Datasheet HTML 82Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 83Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 84Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 85Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 86Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 87Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 88Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 89Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 307 page
background image
-
M4
M4
---
N4
N4
---
---
OPAMP
2_VINM
ITT
-
-
-
32
J5
J5
43
43
M10
L4
L4
30
40
M4 M10 M10 M4
PA7
I/O FT_fla
-
TIM1_CH1N,
TIM3_CH2,
TIM8_CH1N,
I2C3_SCL,
SPI1_MOSI,
OCTOSPIM_P1_IO2,
TIM17_CH1,
EVENTOUT
OPAMP2_VINM,
ADC1_IN12
33
K5
K5
44
44
L9
H5
H5
31
41
L5
L9
L9
K4
PC4
I/O
FT_a
-
USART3_TX,
OCTOSPIM_P1_IO7,
EVENTOUT
COMP1_INM,
ADC1_IN13
34
L5
L5
45
45
K8
J5
J5
-
-
K5
K8
K8
-
PC5
I/O
FT_a
-
SAI1_D3,
USART3_RX,
EVENTOUT
COMP1_INP,
ADC1_IN14,
WKUP5
35
M5
M5
46
46
M9
K5
K5
32
42
M5
M9
M9
N4
PB0
I/O
TT_la
-
TIM1_CH2N,
TIM3_CH3,
TIM8_CH2N,
SPI1_NSS,
USART3_CK,
OCTOSPIM_P1_IO1,
COMP1_OUT,
SAI1_EXTCLK,
EVENTOUT
OPAMP2_VOUT,
ADC1_IN15
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More