Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VGJ3STR Datasheet(PDF) 102 Page - STMicroelectronics

No. de pieza STM32L4R5VGJ3STR
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3STR Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32L4R5VGJ3STR Datasheet HTML 98Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 99Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 100Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 101Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 102Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 103Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 104Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 105Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 307 page
background image
68
D10 D10 101 101
D4
F10 F10
70
103 D10
D4
D4
E12
PA9
I/O FT_flu
-
TIM1_CH2,
SPI2_SCK, DCMI_D0,
USART1_TX,
SAI1_FS_A,
TIM15_BKIN,
EVENTOUT
OTG_FS_VBUS
69
C12 C12 102 102
D5
F9
F9
71
104 C10
D5
D5
D11
PA10
I/O FT_flu
-
TIM1_CH3, SAI1_D1,
DCMI_D1,
USART1_RX,
OTG_FS_ID,
SAI1_SD_A,
TIM17_BKIN,
EVENTOUT
-
70
B12 B12 103 103
C1
E13 E13
72
105 B12
C1
C1
E13
PA11
I/O
FT_u
-
TIM1_CH4,
TIM1_BKIN2,
SPI1_MISO,
USART1_CTS_NSS,
CAN1_RX,
OTG_FS_DM,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More