Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VGJ3STR Datasheet(PDF) 113 Page - STMicroelectronics

No. de pieza STM32L4R5VGJ3STR
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3STR Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32L4R5VGJ3STR Datasheet HTML 109Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 110Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 111Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 112Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 113Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 114Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 115Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 116Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 307 page
background image
91
C5
C5
134 135
E8
B5
B5
93
135
B5
E8
E8
B5
PB5
I/O
FT_la
-
LPTIM1_IN1,
TIM3_CH2,
I2C1_SMBA,
SPI1_MOSI,
SPI3_MOSI,
USART1_CK,
UART5_CTS,
TSC_G2_IO2,
DCMI_D10,
COMP2_OUT,
SAI1_SD_B,
TIM16_BKIN,
EVENTOUT
-
92
B5
B5
135 136
C9
C5
C5
94
136
D5
C9
C9
C5
PB6
I/O
FT_fa
-
LPTIM1_ETR,
TIM4_CH1,
TIM8_BKIN2,
I2C1_SCL, I2C4_SCL,
DFSDM1_DATIN5,
USART1_TX,
TSC_G2_IO3,
DCMI_D5,
SAI1_FS_B,
TIM16_CH1N,
EVENTOUT
COMP2_INP
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More