| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L4R5VGJ3STR Datasheet(PDF) 180 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4R5VGJ3STR Datasheet(HTML) 180 Page - STMicroelectronics |
|
180 / 307 page ![]() Electrical characteristics STM32L4R5xx, STM32L4R7xx and STM32L4R9xx 180/307 DS12023 Rev 5 APB1 (Cont.) USART2 independent clock domain 5.35 5 4.15 4.5 µA/MHz USART2 APB clock domain 32.75 2.5 2.5 USART3 independent clock domain 6.35 6 5 5.5 USART3 APB clock domain 2.6 2.4 2.1 2.5 UART4 independent clock domain 5.15 4.9 3.75 4.5 UART4 APB clock domain 2.5 2.25 2.1 2.5 UART5 independent clock domain 5.4 5 4.15 5 UART5 APB clock domain 2.4 2.25 2.1 2 WWDG 0.75 0.625 0.835 0.5 All APB1 on 110 100 84 97 APB2 AHB to APB2 bridge 0.185 0.15 0.125 0.5 µA/MHz DFSDM 9.5 9 7.5 8.5 DSI independent clock domain 33 34.5 29.5 NA DSI APB clock domain 13 7.15 29 NA FW 0.665 0.625 0.5 0.5 LTDC independent clock domain 35.5 34.5 40 NA LTDC APB clock domain 18 17 14 NA SAI1 independent clock domain 3.1 2.9 2.5 3 SAI1 APB clock domain 2.6 2.4 1.9 2 SAI2 independent clock domain 3.15 3 2.55 3 SAI2 APB clock domain 2.6 2.4 1.9 2.5 SPI1 2.25 2.15 1.75 1 SYSCFG/VREFBUF/C OMP 0.565 0.6 0.5 0.5 Table 51. Peripheral current consumption (continued) Peripheral Range 1 Boost Mode Range 1 Normal Mode Range 2 Low-power run and sleep Unit |