| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PSD312 Datasheet(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD312 Datasheet(HTML) 56 Page - STMicroelectronics |
|
56 / 85 page ![]() PSD3XX Family 53 Figure 29. Timing of 8-Bit Non-Multiplexed Address/Data Bus Using RD, WR (PSD3X2/3X3) 18 8 19 DATA VALID CSI/A19 as CSI 12 5 1 7 15 32 14 14 6 6 10 9 2 3 4 32 13 2 16 17 12A 13 20 INPUT OUTPUT READ CYCLE WRITE CYCLE STABLE INPUT STABLE INPUT A0/AD0- A15/AD15 as A0-A15 STABLE INPUT STABLE INPUT Direct (1) PAD Input Multiplexed (2) Inputs DATA IN PA0-PA7 Active Low ALE Active High ALE RD/E/DS as RD Any of PB0-PB7 as I/O Pin 1 3 11 32 32 WR/VPP or R/W as WR 36 See referenced notes on page 64. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |