| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PSD312 Datasheet(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD312 Datasheet(HTML) 83 Page - STMicroelectronics |
|
83 / 85 page ![]() PSD3XX Family 80 PSD3XX Ordering Information (cont.) Operating Speed Temperature Part Number (ns) Package Type Range ZPSD313R-B-70J 70 44 Pin PLDCC Comm’l ZPSD313R-B-70M 70 44 Pin PQFP Comm’l ZPSD313R-B-90JI 90 44 Pin PLDCC Industrial ZPSD313R-B-90MI 90 44 Pin PQFP Industrial ZPSD313R-B-15J 150 44 Pin PLDCC Comm’l ZPSD313R-B-15M 150 44 Pin PQFP Comm’l ZPSD313V-B-20J 200 44 Pin PLDCC Comm’l ZPSD313V-B-20JI 200 44 Pin PLDCC Industrial ZPSD313V-B-20L 200 44 Pin CLDCC Comm’l ZPSD313V-B-20M 200 44 Pin PQFP Comm’l ZPSD313V-B-20MI 200 44 Pin PQFP Industrial ZPSD313V-B-20U 200 44 Pin TQFP Comm’l ZPSD313V-B-20UI 200 44 Pin TQFP Industrial ZPSD313V-B-25J 250 44 Pin PLDCC Comm’l ZPSD313V-B-25L 250 44 Pin CLDCC Comm’l ZPSD313V-B-25M 250 44 Pin PQFP Comm’l ZPSD313V-B-25U 250 44 Pin TQFP Comm’l Ordering Information Parts Data Sheet Date Affected Changes May, 1995 PSD3XX Initial Release May, 1998 ZPSD3XX SRAM-less (R suffix) version added. PQFP package added. May, 1998 PSD3XX PQFP package added, Specifications updated, PSD3XXL discontinued, Some speed grades eliminated. February, 1999 PSD3XXR, ZPSD3XXR Combined Data Sheets Updated Specifications 23. Revisions History |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |