| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PSD312 Datasheet(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD312 Datasheet(HTML) 47 Page - STMicroelectronics |
|
47 / 85 page ![]() 18.9 Timing Diagrams for all PSD3XX Parts Figure 20. Timing of 8-Bit Multiplexed Address/Data Bus Using RD, WR (PSD3X1) 18 DATA VALID CSI/A19 as CSI DATA IN 8 12 1 7 15 32 32 14 14 6 6 10 9 ADDRESS A ADDRESS B 2 3 4 13 32 5 2 16 17 12A 19 13 20 23 23 ADDRESS A ADDRESS B INPUT INPUT OUTPUT OUTPUT READ CYCLE WRITE CYCLE STABLE INPUT STABLE INPUT Direct (1) PAD Input Multiplexed (2) Inputs A0/AD0- A7/AD7 Active Low ALE Active High ALE RD/E as RD BHE/PSEN as PSEN WR/VPP or RW as WR Any of PA0-PA7 as I/O Pin Any of PA0-PA7 Pins as Address Outputs Any of PB0-PB7 as I/O Pin 1 3 11 36 See referenced notes on page 64. PSD3XX Family 44 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |