Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

9601-11 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

No. de pieza 9601-11
Descripción Electrónicos  2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PEREGRINE [Peregrine Semiconductor Corp.]
Página de inicio  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9601-11 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  9601-11 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Product Specification
PE9601
Page 3 of 14
Document No. 70-0025-05
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
13
S_WR
Serial
Input
Serial load enable input. While S_WR is “low”, Sdata can be serially clocked.
Primary register data are transferred to the secondary register on S_WR or
Hop_WR rising edge.
D4
Parallel
Input
Parallel data bus bit4
M4
Direct
Input
M Counter bit4
14
Sdata
Serial
Input
Binary serial data input. Input data entered MSB first.
D5
Parallel
Input
Parallel data bus bit5.
M5
Direct
Input
M Counter bit5.
15
Sclk
Serial
Input
Serial clock input. Sdata is clocked serially into the 20-bit primary register (E_WR
“low”) or the 8-bit enhancement register (E_WR “high”) on the rising edge of Sclk.
D6
Parallel
Input
Parallel data bus bit6.
M6
Direct
Input
M Counter bit6.
16
FSELS
Serial
Input
Selects contents of primary register (FSELS=1) or secondary register (FSELS=0)
for programming of internal counters while in Serial Interface Mode.
D7
Parallel
Input
Parallel data bus bit7 (MSB).
Pre_en
Direct
Input
Prescaler enable, active “low”. When “high”, Fin bypasses the prescaler.
17
GND
ALL
Ground.
18
FSELP
Parallel
Input
Selects contents of primary register (FSELP=1) or secondary register (FSELP=0)
for programming of internal counters while in Parallel Interface Mode.
A0
Direct
Input
A Counter bit0 (LSB).
19
E_WR
Serial
Input
Enhancement register write enable. While E_WR is “high”, Sdata can be serially
clocked into the enhancement register on the rising edge of Sclk.
Parallel
Input
Enhancement register write. D[7:0] are latched into the enhancement register on
the rising edge of E_WR.
A1
Direct
Input
A Counter bit1.
20
M2_WR
Parallel
Input
M2 write. D[3:0] are latched into the primary register (R[5:4], M[8:7]) on the rising
edge of M2_WR.
A2
Direct
Input
A Counter bit2.
21
Smode
Serial, Parallel
Input
Selects serial bus interface mode (
Bmode=0, Smode=1) or Parallel Interface Mode
(Bmode=0, Smode=0).
A3
Direct
Input
A Counter bit3 (MSB).
22
Bmode
ALL
Input
Selects direct interface mode (
Bmode=1).
23
VDD
ALL
(Note 1)
Same as pin 1.
24
M1_WR
Parallel
Input
M1 write. D[7:0] are latched into the primary register (
Pre_en, M[6:0]) on the rising
edge of M1_WR.
25
A_WR
Parallel
Input
A write. D[7:0] are latched into the primary register (R[3:0], A[3:0]) on the rising
edge of A_WR.
26
Hop_WR
Serial, Parallel
Input
Hop write. The contents of the primary register are latched into the secondary
register on the rising edge of Hop_WR.
27
Fin
ALL
Input
Prescaler input from the VCO. Input voltage = 223 mV RMS for guaranteed
operation.
28
Fin
ALL
Input
Prescaler complementary input. A bypass capacitor should be placed as close as
possible to this pin and be connected directly to the ground plane.
29
GND
ALL
Ground.
Pin No.
Pin Name
Interface Mode
Type
Description
Table 1. Pin Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com