Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

9601-11 Datasheet(PDF) 10 Page - Peregrine Semiconductor Corp.

No. de pieza 9601-11
Descripción Electrónicos  2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PEREGRINE [Peregrine Semiconductor Corp.]
Página de inicio  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9601-11 Datasheet(HTML) 10 Page - Peregrine Semiconductor Corp.

Back Button 9601-11 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 11Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 12Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 13Page - Peregrine Semiconductor Corp. 9601-11 Datasheet HTML 14Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product Specification
PE9601
Page 10 of 14
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0025-05
│ UltraCMOS™ RFIC Solutions
The double buffering provided by the primary and
secondary registers allows for “ping-pong” counter
control using the FSELS input. When FSELS is
“high”, the primary register contents set the
counter inputs. When FSELS is “low”, the
secondary register contents are utilized.
While the E_WR input is “high” and the S_WR
input is “low”, serial input data (Sdata input), B0 to
B7, are clocked serially into the enhancement
register on the rising edge of Sclk, MSB (B0) first.
The enhancement register is double buffered to
prevent inadvertent control changes during serial
loading, with buffer capture of the serially entered
data performed on the falling edge of E_WR
according to the timing diagram shown in Figure
7. After the falling edge of E_WR, the data
provide control bits as shown in Table 8 with bit
functionality enabled by asserting the Enh input
“low”.
Table 7. Primary Register Programming
Interface
Mode
Enh
Bmode
Smode
R5
R4
M8
M7
Pre_en
M6
M5
M4
M3
M2
M1
M0
R3
R2
R1
R0
A3
A2
A1
A0
Parallel
1
0
0
M2_WR rising edge load
M1_WR rising edge load
A_WR rising edge load
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Serial*
1
0
1
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
Direct
1
1
X
0
0
0
0
Pre_en
M6
M5
M4
M3
M2
M1
M0
R3
R2
R1
R0
A3
A2
A1
A0
*Serial data clocked serially on Sclk rising edge while E_WR “low” and captured in secondary register on S_WR rising edge.
Table 8. Enhancement Register Programming
Interface
Mode
Enh
Bmode
Smode
Reserved
Reserved
Reserved
Power
down
Counter
load
MSEL
output
Prescaler
output
fc, fp OE
Parallel
0
X
0
E_WR rising edge load
D7
D6
D5
D4
D3
D2
D1
D0
Serial*
0
X
1
B0
B1
B2
B3
B4
B5
B6
B7
*Serial data clocked serially on Sclk rising edge while E_WR “high” and captured in the double buffer on E_WR falling edge.
MSB (first in)
MSB (first in)
(last in) LSB
(last in) LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com