Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6209 Datasheet(PDF) 16 Page - Torex Semiconductor

No. de pieza XC6209
Descripción Electrónicos  High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209 Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC6209 Datasheet HTML 11Page - Torex Semiconductor XC6209 Datasheet HTML 12Page - Torex Semiconductor XC6209 Datasheet HTML 13Page - Torex Semiconductor XC6209 Datasheet HTML 14Page - Torex Semiconductor XC6209 Datasheet HTML 15Page - Torex Semiconductor XC6209 Datasheet HTML 16Page - Torex Semiconductor XC6209 Datasheet HTML 17Page - Torex Semiconductor XC6209 Datasheet HTML 18Page - Torex Semiconductor XC6209 Datasheet HTML 19Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
XC6209 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Output On/Off Control
! TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Input Transient Response
XC6209B/F302
0
1
2
3
4
5
6
Time (40usec/div)
2.90
2.95
3.00
3.05
3.10
3.15
3.20
Input Voltage
Output Voltage
XC6209B/F302
0
1
2
3
4
5
6
Time (40usec/div)
2.90
2.95
3.00
3.05
3.10
3.15
3.20
Output Voltage
Input Voltage
XC6209B/F302
0
1
2
3
4
5
6
Time (40usec/div)
2.90
2.95
3.00
3.05
3.10
3.15
3.20
Input Voltage
Output Voltage
XC6209B/F122
-1
0
1
2
3
4
Time (40usec/div)
1.15
1.20
1.25
1.30
1.35
1.40
Input Voltage
Output Voltage
XC6209B/F122
-1
0
1
2
3
4
Time (40usec/div)
1.15
1.20
1.25
1.30
1.35
1.40
Output Voltage
Input Voltage
XC6209B/F122
-1
0
1
2
3
4
Time (40usec/div)
1.15
1.20
1.25
1.30
1.35
1.40
Input Voltage
Output Voltage
IOUT=1mA, tr=5usec, CL=1uF (ceramic)
IOUT=30mA, tr=5usec, CL=1uF (ceramic)
IOUT=100mA, tr=5usec, CL=1uF (ceramic)
IOUT=1mA, tr=5usec, CL=1uF (ceramic)
IOUT=30mA, tr=5usec, CL=1uF (ceramic)
IOUT=100mA, tr=5usec, CL=1uF (ceramic)
Semiconductor Ltd.
Data Sheet
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com