Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6209 Datasheet(PDF) 18 Page - Torex Semiconductor

No. de pieza XC6209
Descripción Electrónicos  High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209 Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC6209 Datasheet HTML 11Page - Torex Semiconductor XC6209 Datasheet HTML 12Page - Torex Semiconductor XC6209 Datasheet HTML 13Page - Torex Semiconductor XC6209 Datasheet HTML 14Page - Torex Semiconductor XC6209 Datasheet HTML 15Page - Torex Semiconductor XC6209 Datasheet HTML 16Page - Torex Semiconductor XC6209 Datasheet HTML 17Page - Torex Semiconductor XC6209 Datasheet HTML 18Page - Torex Semiconductor XC6209 Datasheet HTML 19Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
XC6209 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Output On/Off Control
! TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Load Transient Response
XC6209B/F122
0.8
0.9
1.0
1.1
1.2
1.3
Time (40usec/div)
0
50
100
150
200
250
Output Voltage
Output Current
XC6209B/F122
0.8
0.9
1.0
1.1
1.2
1.3
Time (40usec/div)
0
50
100
150
200
250
Output Voltage
Output Current
XC6209B/F122
0.8
0.9
1.0
1.1
1.2
1.3
Time (40usec/div)
0
50
100
150
200
250
Output Voltage
Output Current
XC6209B/F122
0.8
0.9
1.0
1.1
1.2
1.3
Time (40usec/div)
0
50
100
150
200
250
Output Voltage
Output Current
XC6209B/F122
0.8
0.9
1.0
1.1
1.2
1.3
Time (40usec/div)
0
50
100
150
200
250
Output Voltage
Output Current
XC6209B/F122
0.80
0.90
1.00
1.10
1.20
1.30
Time (40usec/div)
0
50
100
150
200
250
Output Voltage
Output Current
VIN=2.5V, tr=tf=5usec,
CIN=1uF (ceramic), CL=1uF (ceramic)
VIN=2.5V, tr=tf=5usec,
CIN=1uF (ceramic), CL=2.2uF (ceramic)
VIN=2.5V, tr=tf=5usec,
CIN=1uF (ceramic), CL=1uF (ceramic)
VIN=2.5V, tr=tf=5usec,
CIN=1uF (ceramic), CL=2.2uF (ceramic)
VIN=2.5V, tr=tf=5usec,
CIN=1uF (ceramic), CL=1uF (ceramic)
VIN=2.5V, tr=tf=5usec,
CIN=1uF (ceramic), CL=2.2uF (ceramic)
Semiconductor Ltd.
Data Sheet
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com