Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6209 Datasheet(PDF) 5 Page - Torex Semiconductor

No. de pieza XC6209
Descripción Electrónicos  High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6209 Datasheet HTML 1Page - Torex Semiconductor XC6209 Datasheet HTML 2Page - Torex Semiconductor XC6209 Datasheet HTML 3Page - Torex Semiconductor XC6209 Datasheet HTML 4Page - Torex Semiconductor XC6209 Datasheet HTML 5Page - Torex Semiconductor XC6209 Datasheet HTML 6Page - Torex Semiconductor XC6209 Datasheet HTML 7Page - Torex Semiconductor XC6209 Datasheet HTML 8Page - Torex Semiconductor XC6209 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
XC6209 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Output On/Off Control
! MARKING RULE (Continued)
# USP-6B
12 Represents product series
3 Represents the type of voltage regulator
4 Represents the integer of output voltage
5 Represents the decimal point of output voltage
4 Represents production lot number
0 to 9, A to Z, reversed character of 0 to 9 and A to Z repeated (G,I,J,O,Q excepted)
CE Pin, High Active with no pull-down resistor
CE Pin, High Active with pull-up resistor
CE Pin, High Active with no pull-up resistor
X.95
XC6209xx9ADx
X.75
XC6209xx7ADx
XC6209xx5ADx
X.85
XC6209xx8ADx
X.45
XC6209xx4ADx
X.55
X.65
XC6209xx6ADx
X.25
XC6209xx2ADx
X.35
XC6209xx3ADx
X.05
XC6209xx0ADx
X.15
XC6209xx1ADx
XC6209xx4xDx
XC6209xx5xDx
F
E
XC6209xx6xDx
XC6209xx7xDx
7K
6H
X.6
X.7
9M
8L
X.8
X.9
XC6209xx8xDx
XC6209xx9xDx
3D
XC6209xx3xDx
5
X.3
X.4
X.5
4
2C
1B
X.1
X.2
XC6209xx1xDx
XC6209xx2xDx
5
XC6209x5xxDx
5.X
A
0
X.0
SYMBOL
OUTPUT VOLTAGE (V)
SYMBOL
XC6209xx0xDx
3
3.X
PRODUCT SERIES
XC6209x3xxDx
SYMBOL
TYPE
D
XC6209DxxxDx
C
SYMBOL
XC6209AxxxDx
B
XC6209BxxxDx
A
TYPE
CE Pin, High Active with pull-down resistor
PRODUCT SERIES
SYMBOL
XC6209AxxxDx
PRODUCT SERIES
2
1
09
XC6209CxxxDx
OUTPUT VOLTAGE (V)
USP-6B
(TOP VIEW)
Semiconductor Ltd.
6
5
4
1
2
3
Data Sheet
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com