| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L151VCH6 Datasheet(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VCH6 Datasheet(HTML) 39 Page - STMicroelectronics |
|
39 / 136 page ![]() DocID022799 Rev 13 39/136 STM32L151xC STM32L152xC Pin descriptions 51 C1 7 2 D5 2 PC13- WKUP2 I/O FT PC13 - WKUP2/ RTC_TAMP1/ RTC_TS/RTC_OUT D1 8 3 D7 3 PC14- OSC32_IN(4) I/O TC PC14 - OSC32_IN E1 9 4 D6 4 PC15- OSC32_OUT I/O TC PC15 - OSC32_OUT F2 10 - - - VSS_5 S- VSS_5 -- G2 11 - - - VDD_5 S- VDD_5 -- F1 12 5 F6 5 PH0- OSC_IN(5) I/O TC PH0 - OSC_IN G1 13 6 F7 6 PH1- OSC_OUT(5) I/O TC PH1 - OSC_OUT H2 14 7 E7 7 NRST I/O RST NRST - - H1 15 8 E6 - PC0 I/O FT PC0 LCD_SEG18 ADC_IN10/ COMP1_INP J2 16 9 E5 - PC1 I/O FT PC1 LCD_SEG19 ADC_IN11/ COMP1_INP J3 17 10 G7 - PC2 I/O FT PC2 LCD_SEG20 ADC_IN12/ COMP1_INP K2 18 11 G6 - PC3 I/O TC PC3 LCD_SEG21 ADC_IN13/ COMP1_INP J1 19 12 F5 8 VSSA S- VSSA -- K1 20 - - - VREF- S- VREF- -- L1 21 - - - VREF+ S- VREF+ -- M1 22 13 H7 9 VDDA S- VDDA -- L2 23 14 E4 10 PA0-WKUP1 I/O FT PA0 TIM2_CH1_ETR/ TIM5_CH1/ USART2_CTS WKUP1/ RTC_TAMP2/ ADC_IN0/ COMP1_INP Table 9. STM32L151xC and STM32L152xC pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |