Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L151VCH6 Datasheet(PDF) 40 Page - STMicroelectronics

No. de pieza STM32L151VCH6
Descripción Electrónicos  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VCH6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32L151VCH6 Datasheet HTML 36Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 37Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 38Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 39Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 40Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 41Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 42Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 43Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 136 page
background image
Pin descriptions
STM32L151xC STM32L152xC
40/136
DocID022799 Rev 13
M2
24 15 G5 11
PA1
I/O
FT
PA1
TIM2_CH2/TIM5_CH2/
USART2_RTS/
LCD_SEG0
ADC_IN1/
COMP1_INP/
OPAMP1_VINP
K3
25 16 H6 12
PA2
I/O
FT
PA2
TIM2_CH3/TIM5_CH3/
TIM9_CH1/USART2_TX
/LCD_SEG1
ADC_IN2/
COMP1_INP/
OPAMP1_VINM
L3
26 17 J7 13
PA3
I/O
TC
PA3
TIM2_CH4/TIM5_CH4/
TIM9_CH2/USART2_RX
/LCD_SEG2
ADC_IN3/
COMP1_INP/
OPAMP1_VOUT
E3
27 18
-
-
VSS_4
S-
VSS_4
--
H3
28 19
-
-
VDD_4
S-
VDD_4
--
M3
29 20 J6 14
PA4
I/O
TC
PA4
SPI1_NSS/SPI3_NSS/
I2S3_WS/
USART2_CK
ADC_IN4/
DAC_OUT1/
COMP1_INP
K4
30 21 H4 15
PA5
I/O
TC
PA5
TIM2_CH1_ETR/
SPI1_SCK
ADC_IN5/
DAC_OUT2/
COMP1_INP
L4
31 22 G4 16
PA6
I/O
FT
PA6
TIM3_CH1/TIM10_CH1/
SPI1_MISO/LCD_SEG3
ADC_IN6/
COMP1_INP/
OPAMP2_VINP
M4
32 23 J5 17
PA7
I/O
FT
PA7
TIM3_CH2/TIM11_CH1/
SPI1_MOSI/LCD_SEG4
ADC_IN7/
COMP1_INP/
OPAMP2_VINM
K5
33 24 F4
-
PC4
I/O
FT
PC4
LCD_SEG22
ADC_IN14/
COMP1_INP
L5
34 25 J4
-
PC5
I/O
FT
PC5
LCD_SEG23
ADC_IN15/
COMP1_INP
M5
35 26 J3 18
PB0
I/O
TC
PB0
TIM3_CH3/LCD_SEG5
ADC_IN8/
COMP1_INP/
OPAMP2_VOUT/
VLCDRAIL3/
VREF_OUT
Table 9. STM32L151xC and STM32L152xC pin definitions (continued)
Pins
Pin name
Main
function(2)
(after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More