| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L151VCH6 Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VCH6 Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 136 page ![]() Pin descriptions STM32L151xC STM32L152xC 42/136 DocID022799 Rev 13 L12 51 33 G2 25 PB12 I/O FT PB12 TIM10_CH1 /I2C2_SMBA/ SPI2_NSS/I2S2_WS/ USART3_CK/ LCD_SEG12 ADC_IN18/ COMP1_INP/ VLCDRAIL2 K12 52 34 G1 26 PB13 I/O FT PB13 TIM9_CH1/SPI2_SCK/ I2S2_CK/ USART3_CTS/ LCD_SEG13 ADC_IN19/ COMP1_INP K11 53 35 F3 27 PB14 I/O FT PB14 TIM9_CH2/SPI2_MISO/ USART3_RTS/ LCD_SEG14 ADC_IN20/ COMP1_INP K10 54 36 F2 28 PB15 I/O FT PB15 TIM11_CH1/SPI2_MOSI /I2S2_SD/LCD_SEG15 ADC_IN21/ COMP1_INP/ RTC_REFIN K9 55 - - - PD8 I/O FT PD8 USART3_TX/ LCD_SEG28 - K8 56 - - - PD9 I/O FT PD9 USART3_RX/ LCD_SEG29 - J12 57 - - - PD10 I/O FT PD10 USART3_CK/ LCD_SEG30 - J11 58 - - - PD11 I/O FT PD11 USART3_CTS/ LCD_SEG31 - J10 59 - - - PD12 I/O FT PD12 TIM4_CH1/ USART3_RTS/ LCD_SEG32 - H12 60 - - - PD13 I/O FT PD13 TIM4_CH2/LCD_SEG33 - H11 61 - - - PD14 I/O FT PD14 TIM4_CH3/LCD_SEG34 - H10 62 - - - PD15 I/O FT PD15 TIM4_CH4/LCD_SEG35 - E12 63 37 F1 - PC6 I/O FT PC6 TIM3_CH1/I2S2_MCK/ LCD_SEG24 - Table 9. STM32L151xC and STM32L152xC pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |