Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP674AC Datasheet(PDF) 1 Page - Sipex Corporation

No. de pieza SP674AC
Descripción Electrónicos  12-bit Sampling A/D Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AC Datasheet(HTML) 1 Page - Sipex Corporation

  SP674AC Datasheet HTML 1Page - Sipex Corporation SP674AC Datasheet HTML 2Page - Sipex Corporation SP674AC Datasheet HTML 3Page - Sipex Corporation SP674AC Datasheet HTML 4Page - Sipex Corporation SP674AC Datasheet HTML 5Page - Sipex Corporation SP674AC Datasheet HTML 6Page - Sipex Corporation SP674AC Datasheet HTML 7Page - Sipex Corporation SP674AC Datasheet HTML 8Page - Sipex Corporation SP674AC Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
3
DESCRIPTION…
The HS574A/SP674A Series are complete 12–bit successive–approximation A/D converters
integrated on a single die with tri-state output latches, an internal reference, clock and a sample–
hold. They feature 12–bit linearity over temperature, low power dissipation and fast conversion
time. They are available in commercial and military temperature ranges.
s Complete12–bitA/DConverterswithSample–
Hold, Reference, Clock and Tri–state Outputs
s Low Power Dissipation — 110mW Maximum
s 12–Bit Linearity Over Temperature
s Fast Conversion time:
25
µs Max (HS574A)
15
µs Max (SP674A)
s Monolithic Construction
HS574A/SP674A
12–Bit Sampling A/D Converters
1
14
13
12
11
10
9
8
7
6
5
4
3
2
28
15
16
17
18
19
20
21
22
23
24
25
26
27
STS
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DGND
VLOGIC 12/8
CS
A0
R/C
CE
VCC
REF
OUT
AGND
REF
IN
VEE
BIP
OFF
10V
IN
20V
IN
NIBBLE A
NIBBLE B
NIBBLE C
THREE–STATE BUFFERS AND CONTROL
N/C
7.5K
15K
15K
7.5K
7.5K
OFFSET/GAIN
TRIM
12–BIT
CAPACITANCE
DAC
COMP
REF
CONTROL LOGIC
12–BIT SAR
OSC


Número de pieza similar - SP674AC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SP674BA SIPEX-SP674BA Datasheet
172Kb / 15P
12-Bit Sampling A/D Converters
SP674BB SIPEX-SP674BB Datasheet
172Kb / 15P
12-Bit Sampling A/D Converters
SP674BJ SIPEX-SP674BJ Datasheet
172Kb / 15P
12-Bit Sampling A/D Converters
SP674BK SIPEX-SP674BK Datasheet
172Kb / 15P
12-Bit Sampling A/D Converters
SP674BS SIPEX-SP674BS Datasheet
172Kb / 15P
12-Bit Sampling A/D Converters
More results

Descripción similar - SP674AC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
12-Bit, 5MHz, Low-Power Sampling A/D Converters
logo
Sipex Corporation
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
12-Bit Sampling A/D Converters
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
12-Bit Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
12-Bit, 5MHz and 9MHz Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com