Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP674AC Datasheet(PDF) 13 Page - Sipex Corporation

No. de pieza SP674AC
Descripción Electrónicos  12-bit Sampling A/D Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AC Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP674AC Datasheet HTML 6Page - Sipex Corporation SP674AC Datasheet HTML 7Page - Sipex Corporation SP674AC Datasheet HTML 8Page - Sipex Corporation SP674AC Datasheet HTML 9Page - Sipex Corporation SP674AC Datasheet HTML 10Page - Sipex Corporation SP674AC Datasheet HTML 11Page - Sipex Corporation SP674AC Datasheet HTML 12Page - Sipex Corporation SP674AC Datasheet HTML 13Page - Sipex Corporation SP674AC Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
15
CHARACTERISTICS
Typical @ 25˚C, V
CC = +15V or +12V, VLOGIC
= +5V, V
EE = 0V, unless otherwise specified.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
tDD
Access Time From CE2
150
ns
tHD
Data Valid After CE Low2
25
ns
tHL
Output Float Delay2
150
ns
tSSR CS to CE Setup
50
0
ns
tSRR R/C to CE Setup
0
0
ns
tSAR A0 to CE Setup
50
ns
tHSR CS Valid After CE Low
0
0
ns
tHRR R/C High After CE Low
0
50
ns
tHAR A0 Valid After CE Low
50
ns
tHS
STS Delay After Data Valid
300
1000
ns
NOTES:
1.
Parameters guaranteed by design and sample tested.
2.
Parameters 100% tested @ 25˚C on special orders.
READ MODE TIMING
CE
CS
R/C
A0
STS
DB11–
DB0
HIGH
IMPEDANCE
tSSR
tHSR
tHRR
tSRR
tSAR
tHAR
tHD
DATA
VALID
tHL
tDD
Figure 11. Read Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com