Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP674AC Datasheet(PDF) 11 Page - Sipex Corporation

No. de pieza SP674AC
Descripción Electrónicos  12-bit Sampling A/D Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AC Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP674AC Datasheet HTML 6Page - Sipex Corporation SP674AC Datasheet HTML 7Page - Sipex Corporation SP674AC Datasheet HTML 8Page - Sipex Corporation SP674AC Datasheet HTML 9Page - Sipex Corporation SP674AC Datasheet HTML 10Page - Sipex Corporation SP674AC Datasheet HTML 11Page - Sipex Corporation SP674AC Datasheet HTML 12Page - Sipex Corporation SP674AC Datasheet HTML 13Page - Sipex Corporation SP674AC Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
13
CONVERT MODE TIMING
CE
CS
R/C
A0
STS
DB11–
DB0
HIGH IMPEDANCE
tDSC
tC
tHAC
tSAC
tHRC
tHEC
tSRC
tSSC
CHARACTERISTICS
Typical @ 25˚C, V
CC = +15V or +10V, VLOGIC
= +5V, V
EE = 0V, unless otherwise specified.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
tDSC STS Delay from CE
200
ns
tHEC CE Pulse Width
50
ns
tSSC CS to CE Setup
50
ns
tHSC CS Low during CE High
50
ns
tSRC R/C to CE Setup
50
ns
tHRC R/C Low during CE High
50
ns
tSAC A0 to CE Setup
0
ns
tHAC A0 Valid during CE High
50
ns
tC
Conversion Time1, 3, 4
See specifications
NOTES:
1.
Parameters guaranteed by design and sample tested.
2.
Parameters 100% tested @ 25˚C on special orders.
3.
100% tested.
4.
TMIN to TMAX.
Figure 8. Convert Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com