Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TL431BCLPREG Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza TL431BCLPREG
Descripción Electrónicos  Programmable Precision References
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431BCLPREG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button TL431BCLPREG Datasheet HTML 2Page - ON Semiconductor TL431BCLPREG Datasheet HTML 3Page - ON Semiconductor TL431BCLPREG Datasheet HTML 4Page - ON Semiconductor TL431BCLPREG Datasheet HTML 5Page - ON Semiconductor TL431BCLPREG Datasheet HTML 6Page - ON Semiconductor TL431BCLPREG Datasheet HTML 7Page - ON Semiconductor TL431BCLPREG Datasheet HTML 8Page - ON Semiconductor TL431BCLPREG Datasheet HTML 9Page - ON Semiconductor TL431BCLPREG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TL431A, B Series, NCV431A, B Series, SCV431A
www.onsemi.com
6
-55
f, FREQUENCY (MHz)
100
10
1.0
100 k
10 M
1.0 M
1.0 k
10 k
0.1
75
-25
0
25
50
100
125
TA, AMBIENT TEMPERATURE (°C)
0.200
0.220
0.240
0.300
0.320
0.260
0.280
IK
50
-
1.0 k
+
Output
GND
Output
GND
IK
50
-
1.0k
+
VKA = Vref
D IK = 1.0 mA to 100 mA
f
≤ 1.0 kHz
TA = 25°C
D IK = 1.0 mA to 100 mA
f, FREQUENCY (Hz)
40
10
10 k
1.0 k
100
0
20
100 k
60
f, FREQUENCY (MHz)
100 k
0
10 M
1.0 M
-10
10
20
30
60
50
40
1.0 k
10 k
VKA = Vref
IK = 10 mA
TA = 25°C
IK
Output
Input
80
230
GND
Output
IK
9.0
mF
8.25k
15k
IK = 10 mA
TA = 25°C
-55
0.01
100
10
1.0
0.1
TA, AMBIENT TEMPERATURE (5C)
75
-25
0
25
50
100
125
40
1.0 k
VKA, CATHODE VOLTAGE (V)
30
10
0
-32
-8.0
-16
20
0
-24
R2
Vref
R1
IK
Input
VKA
Input
Ioff
VKA = 36 V
Vref = 0 V
VKA
IK = 10 mA
TA = 25°C
Figure 8. Change in Reference Input
Voltage versus Cathode Voltage
Figure 9. Off−State Cathode Current
versus Ambient Temperature
Figure 10. Dynamic Impedance
versus Frequency
Figure 11. Dynamic Impedance
versus Ambient Temperature
Figure 12. Open−Loop Voltage Gain
versus Frequency
Figure 13. Spectral Noise Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com