Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TL431BCLPREG Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza TL431BCLPREG
Descripción Electrónicos  Programmable Precision References
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431BCLPREG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button TL431BCLPREG Datasheet HTML 3Page - ON Semiconductor TL431BCLPREG Datasheet HTML 4Page - ON Semiconductor TL431BCLPREG Datasheet HTML 5Page - ON Semiconductor TL431BCLPREG Datasheet HTML 6Page - ON Semiconductor TL431BCLPREG Datasheet HTML 7Page - ON Semiconductor TL431BCLPREG Datasheet HTML 8Page - ON Semiconductor TL431BCLPREG Datasheet HTML 9Page - ON Semiconductor TL431BCLPREG Datasheet HTML 10Page - ON Semiconductor TL431BCLPREG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TL431A, B Series, NCV431A, B Series, SCV431A
www.onsemi.com
7
Input
Output
t, TIME (
ms)
Pulse
Generator
f = 100 kHz
0
8.0
4.0
20
0
16
2.0
3.0
12
0
1.0
5.0
Figure 14. Pulse Response
Figure 15. Stability Boundary Conditions
50
220 Output
GND
Input
Monitor
TA = 25°C
TA = 25°C
C
A
B
CL, LOAD CAPACITANCE
120
80
100
60
0
140
1.0 nF
100
mF
1.0
mF
10
mF
Stable
Stable
40
20
10 nF
100 nF
A
B
D
Unstable
Area
Programmed
VKA(V)
A
B
C
D
Vref
5.0
10
15
Figure 16. Test Circuit For Curve A
of Stability Boundary Conditions
Figure 17. Test Circuit For Curves B, C, And D
of Stability Boundary Conditions
V+
IK
150
IK
V+
150
CL
10 k
CL
Figure 18. Shunt Regulator
Figure 19. High Current Shunt Regulator
V+
Vout
R1
V+
Vout
R1
R2
R2
Vout + 1 )
R1
R2
V
ref
Vout + 1 )
R1
R2
V
ref
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com