Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TL431BCLPREG Datasheet(PDF) 14 Page - ON Semiconductor

No. de pieza TL431BCLPREG
Descripción Electrónicos  Programmable Precision References
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431BCLPREG Datasheet(HTML) 14 Page - ON Semiconductor

Back Button TL431BCLPREG Datasheet HTML 10Page - ON Semiconductor TL431BCLPREG Datasheet HTML 11Page - ON Semiconductor TL431BCLPREG Datasheet HTML 12Page - ON Semiconductor TL431BCLPREG Datasheet HTML 13Page - ON Semiconductor TL431BCLPREG Datasheet HTML 14Page - ON Semiconductor TL431BCLPREG Datasheet HTML 15Page - ON Semiconductor TL431BCLPREG Datasheet HTML 16Page - ON Semiconductor TL431BCLPREG Datasheet HTML 17Page - ON Semiconductor TL431BCLPREG Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TL431A, B Series, NCV431A, B Series, SCV431A
www.onsemi.com
14
ORDERING INFORMATION
Device
Tolerance
Shipping Information†
Package Code
Operating Temperature Range
Marking
Code
TL431BVDG
BV
−40°C to 125°C
SOIC−8
(Pb−Free)
98 Units / Rail
0.4%
TL431BVDR2G
2500 / Tape & Reel
TL431BVDMR2G
TBV
Micro8
(Pb−Free)
4000 / Tape & Reel
TL431BVLPG
BVLP
TO−92
(Pb−Free)
2000 Units / Bag
TL431BVLPRAG
2000 / Tape & Reel
TL431BVPG
BVP
PDIP−8
(Pb−Free)
50 Units / Rail
0.4%
NCV431AIDMR2G*
RAN
Micro8
(Pb−Free)
4000 / Tape & Reel
1%
SCV431AIDMR2G*
RAP
NCV431AIDR2G*
AV
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCV431BVDMR2G*
NVB
Micro8
(Pb−Free)
4000 / Tape & Reel
0.4%
NCV431BVDR2G*
BV
SOIC−8
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV/SCV Prefixes for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified
and PPAP Capable.
SOIC−8
D SUFFIX
CASE 751
MARKING DIAGRAMS
Micro8
CASE 846A
TO−92 (TO−226)
CASE 29
PDIP−8
CASE 626
TL431xxx
AWL
YYWWG
1
8
TL431
xxxx
ALYW
xxxx
= See Specific Marking Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)
xxx
AYWG
G
1
8
431xx
ALYW
G
1
8
TL431
ALYWx
G
1
8
(Exception for the TL431CD
and TL431ID only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com