Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ASM330LHH Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza ASM330LHH
Descripción Electrónicos  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 8Page - STMicroelectronics ASM330LHH Datasheet HTML 9Page - STMicroelectronics ASM330LHH Datasheet HTML 10Page - STMicroelectronics ASM330LHH Datasheet HTML 11Page - STMicroelectronics ASM330LHH Datasheet HTML 12Page - STMicroelectronics ASM330LHH Datasheet HTML 13Page - STMicroelectronics ASM330LHH Datasheet HTML 14Page - STMicroelectronics ASM330LHH Datasheet HTML 15Page - STMicroelectronics ASM330LHH Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
Pin description
ASM330LHH
12/84
DocID031239 Rev 4
3
Pin description
Figure 1. Pin connections
Table 2. Pin description
Pin#
Name
Function
1
SDO
SA0
SPI 4-wire serial data output (SDO)
I²C least significant bit of the device address (SA0)
2
RES
Connect to VDDIO or GND
3
RES
Connect to VDDIO or GND
4
INT1(1)
Programmable interrupt #1
5
Vdd_IO(2)
Power supply for I/O pin
6
GNSD
Connect to GND
7
GND
Connect to GND
8
Vdd(3)
Power supply
9
INT2
Programmable interrupt #2 (INT2) / Data enabled (DEN)
10
NC
Leave unconnected
11
NC
Leave unconnected
12
CS
I²C/SPI mode selection
(1: SPI idle mode / I²C communication enabled;
0: SPI communication mode / I²C disabled and reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com