Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STH2N120K5-2AG Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza STH2N120K5-2AG
Descripción Electrónicos  Automotive-grade N-channel 1200 V, 7.25 typ., 1.5 A, MDmesh K5 Power MOSFET in an H2PAK-2 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH2N120K5-2AG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STH2N120K5-2AG Datasheet HTML 5Page - STMicroelectronics STH2N120K5-2AG Datasheet HTML 6Page - STMicroelectronics STH2N120K5-2AG Datasheet HTML 7Page - STMicroelectronics STH2N120K5-2AG Datasheet HTML 8Page - STMicroelectronics STH2N120K5-2AG Datasheet HTML 9Page - STMicroelectronics STH2N120K5-2AG Datasheet HTML 10Page - STMicroelectronics STH2N120K5-2AG Datasheet HTML 11Page - STMicroelectronics STH2N120K5-2AG Datasheet HTML 12Page - STMicroelectronics STH2N120K5-2AG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Table 8. H²PAK-2 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.30
-
4.70
A1
0.03
0.20
C
1.17
1.37
D
8.95
9.35
e
4.98
5.18
E
0.50
0.90
F
0.78
0.85
F2
1.14
1.70
H
10.00
10.40
H1
7.40
7.80
J1
2.49
2.69
L
15.30
15.80
L1
1.27
1.40
L2
4.93
5.23
L3
6.85
7.25
L4
1.50
1.70
M
2.60
2.90
R
0.20
0.60
V
Figure 19. H²PAK-2 recommended footprint
8159712_9
Note:
Dimensions are in mm.
STH2N120K5-2AG
H²PAK-2 package information
DS12486 - Rev 5
page 9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com