Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPSD325X Datasheet(PDF) 42 Page - STMicroelectronics

No. de pieza UPSD325X
Descripción Electrónicos  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD325X Datasheet(HTML) 42 Page - STMicroelectronics

Back Button UPSD325X Datasheet HTML 38Page - STMicroelectronics UPSD325X Datasheet HTML 39Page - STMicroelectronics UPSD325X Datasheet HTML 40Page - STMicroelectronics UPSD325X Datasheet HTML 41Page - STMicroelectronics UPSD325X Datasheet HTML 42Page - STMicroelectronics UPSD325X Datasheet HTML 43Page - STMicroelectronics UPSD325X Datasheet HTML 44Page - STMicroelectronics UPSD325X Datasheet HTML 45Page - STMicroelectronics UPSD325X Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 176 page
background image
µPSD325X DEVICES
42/176
Table 21. Description of the IEA Bits
Table 22. Description of the IP Bits
Table 23. Description of the IPA Bits
Bit
Symbol
Function
7
EDDC
Enable DDC interrupt
6
—
Not used
5
—
Not used
4
ES2
Enable 2nd USART interrupt
3
—
Not used
2
—
Not used
1
EI2C
Enable I²C interrupt
0
EUSB
Enable USB interrupt
Bit
Symbol
Function
7
—
Reserved
6
—
Reserved
5
PT2
Timer2 interrupt priority level
4
PS
USART interrupt priority level
3
PT1
Timer1 interrupt priority level
2
PX1
External interrupt (Int1) priority level
1
PT0
Timer0 interrupt priority level
0
PX0
External interrupt (Int0) priority level
Bit
Symbol
Function
7
PDDC
DDC interrupt priority level
6
—
Not used
5
—
Not used
4
PS2
2nd USART interrupt priority level
3
—
Not used
2
—
Not used
1
PI2C
I²C interrupt priority level
0
PUSB
USB interrupt priority level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com