| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M95128-DF Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-DF Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 48 page ![]() Figure 14. Page Write (WRITE) sequence C D S 34 33 35 36 37 38 39 40 41 42 44 45 46 47 32 C D S 15 2 1 3 4 5 6 7 8 9 10 20 21 22 23 24 25 26 27 14 13 3 2 1 0 28 29 30 Instruction 16-Bit Address 0 7 6 5 4 3 2 0 1 Data Byte 1 31 43 7 6 5 4 3 2 0 1 Data Byte 2 7 6 5 4 3 2 0 1 Data Byte 3 6 5 4 3 2 0 1 Data Byte N 1. Depending on the memory size, as shown in Table 5. Significant bits within the address bytes, the most significant address bits are Don’t care. M95128-W M95128-R M95128-DF Write to Memory array (WRITE) DS1356 - Rev 20 page 19/48 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |