Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BTA12-600TW Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza BTA12-600TW
Descripción Electrónicos  12A TRIACS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA12-600TW Datasheet(HTML) 1 Page - STMicroelectronics

  BTA12-600TW Datasheet HTML 1Page - STMicroelectronics BTA12-600TW Datasheet HTML 2Page - STMicroelectronics BTA12-600TW Datasheet HTML 3Page - STMicroelectronics BTA12-600TW Datasheet HTML 4Page - STMicroelectronics BTA12-600TW Datasheet HTML 5Page - STMicroelectronics BTA12-600TW Datasheet HTML 6Page - STMicroelectronics BTA12-600TW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
®
BTA/BTB12 and T12 Series
SNUBBERLESS™, LOGIC LEVEL & STANDARD
12A TRIACS
September 2002 - Ed: 6A
MAIN FEATURES:
DESCRIPTION
Available either in through-hole or surface-mount
packages, the BTA/BTB12 and T12 triac series is
suitable for general purpose AC switching. They
can
be
used
as
an
ON/OFF
function
in
applications
such
as
static
relays,
heating
regulation, induction motor starting circuits... or for
phase control operation in light dimmers, motor
speed controllers,...
The snubberless versions (BTA/BTB...W and T12
series) are specially recommended for use on
inductive loads, thanks to their high commutation
performances. Logic level versions are designed
to interface directly with low power drivers such as
microcontrollers. By using an internal ceramic
pad, the BTA series provides voltage insulated tab
(rated
at
2500V
RMS)
complying
with
UL
standards (File ref.: E81734)
Symbol
Value
Unit
IT(RMS)
12
A
VDRM/VRRM
600 and 800
V
IGT (Q
1)
5 to 50
mA
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
D²PAK/TO-220AB
Tc = 105°C
12
A
TO-220AB Ins.
Tc = 90°C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 50 Hz
t = 20 ms
120
A
F = 60 Hz
t = 16.7 ms
126
I
²tI²t Value for fusing
tp = 10 ms
78
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125°C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25°C
VDRM/VRRM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
G
A2
A1
G
A2
A2
A1
A2
A2
A1
G
D2PAK
(T12-G)
G
A2
A1
TO-220AB Insulated
(BTA12)
TO-220AB
(BTB12)


Número de pieza similar - BTA12-600TW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
BTA12-600TW KERSEMI-BTA12-600TW Datasheet
1,011Kb / 5P
12A TRIACS
logo
Inchange Semiconductor ...
BTA12-600TW ISC-BTA12-600TW Datasheet
107Kb / 1P
With TO-220AB insulated package
logo
STMicroelectronics
BTA12-600TW STMICROELECTRONICS-BTA12-600TW Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
logo
Shenzhen Luguang Electr...
BTA12-600TW LUGUANG-BTA12-600TW Datasheet
1Mb / 5P
12A Ⅲ&Ⅳ QUADRANTS SERIES TRIACS
Revision:20201216-P1
logo
STMicroelectronics
BTA12-600TWRG STMICROELECTRONICS-BTA12-600TWRG Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
September 2007 Rev 9
More results

Descripción similar - BTA12-600TW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
12A TRIACS
Apr-2002
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
12A TRIACS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com