Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BTA12-600TW Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza BTA12-600TW
Descripción Electrónicos  12A TRIACS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA12-600TW Datasheet(HTML) 4 Page - STMicroelectronics

  BTA12-600TW Datasheet HTML 1Page - STMicroelectronics BTA12-600TW Datasheet HTML 2Page - STMicroelectronics BTA12-600TW Datasheet HTML 3Page - STMicroelectronics BTA12-600TW Datasheet HTML 4Page - STMicroelectronics BTA12-600TW Datasheet HTML 5Page - STMicroelectronics BTA12-600TW Datasheet HTML 6Page - STMicroelectronics BTA12-600TW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BTA/BTB12 and T12 Series
4/7
OTHER INFORMATION
Note: xxx = voltage, yy = sensitivity, z = type
Part Number
Marking
Weight
Base
quantity
Packing
mode
BTA/BTB12-xxxyz
BTA/BTB12-xxxyz
2.3 g
250
Bulk
BTA/BTB12-xxxyzRG
BTA/BTB12-xxxyz
2.3 g
50
Tube
T1235-xxxG
T1235xxxG
1.5 g
50
Tube
T1235-xxxG-TR
T1235xxxG
1.5 g
1000
Tape & reel
Fig. 1: Maximum power dissipation versus RMS
on-state current (full cycle).
Fig. 2-1: RMS on-state current versus case
temperature (full cycle).
Fig. 2-2: RMS on-state current versus ambient
temperature (printed circuit board FR4, copper
thickness: 35µm),full cycle.
Fig. 3: Relative variation of thermal impedance
versus pulse duration.
0123
456
789
10
11
12
0
2
4
6
8
10
12
14
16
P (W)
IT(RMS)(A)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
IT(RMS) (A)
BTA
BTB/T12
Tc(°C)
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Tamb(°C)
IT(RMS) (A)
DPAK
(S=1cm )
2
2
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
1E-2
1E-1
1E+0
K=[Zth/Rth]
Zth(j-c)
Zth(j-a)
tp(s)



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com