| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ASM330LHB Datasheet(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ASM330LHB Datasheet(HTML) 45 Page - STMicroelectronics |
|
45 / 131 page ![]() 9.9 INT1_CTRL (0Dh) INT1 pin control register (R/W) Each bit in this register enables a signal to be carried over INT1 when the MIPI I3CSM dynamic address is not assigned (I²C or SPI is used). Some bits can be also used to trigger an IBI (in-band interrupt) when the MIPI I3CSM interface is used. The output of the pad is the OR combination of the signals selected here and in register MD1_CFG (5Eh). Table 36. INT1_CTRL register DEN_DRDY _flag INT1_ CNT_BDR INT1_ FIFO_FULL INT1_ FIFO_OVR INT1_ FIFO_TH INT1_ BOOT INT1_ DRDY_G INT1_ DRDY_XL Table 37. INT1_CTRL register description DEN_DRDY_flag Sends DEN_DRDY (DEN stamped on sensor data flag) to INT1 pin. INT1_CNT_BDR Enables COUNTER_BDR_IA interrupt on INT1. INT1_FIFO_FULL Enables FIFO full flag interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI I3CSM interface is used. INT1_FIFO_OVR Enables FIFO overrun interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI I3CSM interface is used. INT1_FIFO_TH Enables FIFO threshold interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI I3CSM interface is used. INT1_BOOT Enables boot status on INT1 pin. INT1_DRDY_G Enables gyroscope data-ready interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI I3CSM interface is used. INT1_DRDY_XL Enables accelerometer data-ready interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI I3CSM interface is used. ASM330LHB INT1_CTRL (0Dh) DS13773 - Rev 7 page 45/131 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |