Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ASM330LHB Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza ASM330LHB
Descripción Electrónicos  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ASM330LHB Datasheet HTML 6Page - STMicroelectronics ASM330LHB Datasheet HTML 7Page - STMicroelectronics ASM330LHB Datasheet HTML 8Page - STMicroelectronics ASM330LHB Datasheet HTML 9Page - STMicroelectronics ASM330LHB Datasheet HTML 10Page - STMicroelectronics ASM330LHB Datasheet HTML 11Page - STMicroelectronics ASM330LHB Datasheet HTML 12Page - STMicroelectronics ASM330LHB Datasheet HTML 13Page - STMicroelectronics ASM330LHB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 131 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
G_Cx
Angular rate cross-axis sensitivity
@25 °C
±1
%
An
Acceleration noise density(4)(6)
@LA_FS = ±2 g
60
200
µg/√Hz
AnRMS
Acceleration RMS noise in low-power mode(5)
1.8
mg(RMS)
Rn
Rate noise density(4)(6)
5
12
mdps/√Hz
RnRMS
Gyroscope RMS noise in low-power mode(5)
90
mdps
XL_NL
Accelerometer nonlinearity(7)
Best-fit straight line
0.5
%FS
G_NL
Gyroscope nonlinearity(7)
Best-fit straight line
0.01
% FS
VRW
Velocity random walk(7)
@25 °C
0.03
m/sec/√h
XL_BI
Accelerometer bias instability(7)
@25 °C
40
µg
ARW
Angular random walk(7)
@25 °C
0.21
°/√h
G_BI
Gyroscope bias instability(7)
@25 °C
3
°/h
LA_ODR
Linear acceleration output data rate
1.6(8)
12.5
26
52
104
208
416
833
1667
Hz
G_ODR
Angular rate output data rate
12.5
26
52
104
208
416
833
1667
Hz
Vst
Linear acceleration self-test output change - long term(3)(9)(10)(11)
40
1700
mg
Angular rate self-test output change - long term(3)(12)(13)
FS = ±250 dps
20
80
dps
FS = ±2000 dps
150
700
dps
Top
Operating temperature range
-40
+105
°C
1. Typical specifications are not guaranteed.
2. Values after factory calibration test and trimming at T = 25 °C.
3. Long term includes the following conditions: post solder, drift in temperature in the range [-40°C to +105 °C] and over life.
4. Max. values from design and characterization at ambient temperature (T = 25 °C).
5. RMS noise is the same for all ODRs.
6. Noise density is the same for all ODRs.
7. Based on characterization data on a limited number of samples. Not measured during final test for production.
8. This ODR is available when the accelerometer is in low-power mode.
9. Accelerometer self-test limits are full-scale independent.
10. The sign of the linear acceleration self-test output change is defined by the STx_XL bits in a dedicated register for all axes.
11. The linear acceleration self-test output change is defined with the device in stationary condition as the absolute value of: OUTPUT[LSb]
(self-test enabled) - OUTPUT[LSb] (self-test disabled). 1LSb = 0.061 mg at ±2 g full scale.
ASM330LHB
Mechanical characteristics
DS13773 - Rev 7
page 10/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com