| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ASM330LHB Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ASM330LHB Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 131 page ![]() 5.1.2.1 SPI read Figure 10. SPI read protocol (in mode 3) CS SPC SDI SDO RW DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 AD5 AD4 AD3 AD2 AD1 AD0 AD6 The SPI read command is performed with 16 clock pulses. A multiple byte read command is performed by adding blocks of 8 clock pulses to the previous one. bit 0: READ bit. The value is 1. bit 1-7: address AD(6:0). This is the address field of the indexed register. bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSb first). bit 16-...: data DO(...-8). Further data in multiple byte reads. Figure 11. Multiple byte SPI read protocol (2-byte example) (in mode 3) CS SPC SDI SDO RW DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 AD5 AD4 AD3 AD2 AD1 AD0 DO15 DO14DO13DO12 DO11DO10 DO9 DO8 AD6 ASM330LHB I²C/SPI interface DS13773 - Rev 7 page 22/131 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |