Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M24C64P-FCU6T/T Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza M24C64P-FCU6T/T
Descripción Electrónicos  64-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64P-FCU6T/T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M24C64P-FCU6T/T Datasheet HTML 7Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 8Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 9Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 10Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 11Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 12Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 13Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 14Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
DocID030474 Rev 1
11/36
M24C64P-FCU
Device operation
35
4
Device operation
The device supports the I2C protocol. This is summarized in Figure 4. Any device that sends
data on to the bus is defined to be a transmitter, and any device that reads the data to be a
receiver. The device that controls the data transfer is known as the bus master, and the
other as the slave device. A data transfer can only be initiated by the bus master, which will
also provide the serial clock for synchronization. The device is always a slave in all
communications.
Figure 4. I2C bus protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36