| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M24C64P-FCU6T/T Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64P-FCU6T/T Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 36 page ![]() DocID030474 Rev 1 15/36 M24C64P-FCU Instructions 35 5.1.1 Byte Write After the device select code and the address bytes, the bus master sends one data byte. If the addressed location is Write-protected, the device replies with NoAck, and the location is not modified, as shown in Figure 6. If, instead, the addressed location is not Write- protected, the device replies with Ack, as shown in Figure 5. The bus master shall terminates the transfer by generating a Stop condition. Figure 5. Write mode sequence (data write enabled) |