| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M24C64P-FCU6T/T Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64P-FCU6T/T Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 36 page ![]() Instructions M24C64P-FCU 20/36 DocID030474 Rev 1 5.2.2 Current Address Read For the Current Address Read operation, following a Start condition, the bus master only sends a device select code with the R/W bit set to 1. The device acknowledges this, and outputs the byte addressed by the internal address counter. The counter is then incremented. The bus master terminates the transfer with a Stop condition, as shown in Figure 8, without acknowledging the byte. 5.2.3 Sequential Read This operation can be used after a Current Address Read or a Random Address Read. The bus master does acknowledge the data byte output, and sends additional clock pulses so that the device continues to output the next byte in sequence. To terminate the stream of bytes, the bus master must not acknowledge the last byte, and must generate a Stop condition, as shown in Figure 8. The output data comes from consecutive addresses, with the internal address counter automatically incremented after each byte output. After the last memory address, the address counter “rolls-over”, and the device continues to output data from memory address 00h. 5.2.4 Read the Write Protect register Reading the Write Protect register is performed with a Random Read instruction at address 1xxx.xxxx.xxxx.xxxxb. Bits b7, b6, b5, b4 of the Write Protect register content are read as 0, 0, 0, 0. The signification of the Protect Register lower bits b3, b2, b1, b0 are defined in Section 5.1.3: Write protection. Reading more than one byte will loop on reading the Write Protect Register value. The Write Protect register cannot be read while a write cycle (tw) is ongoing. |