| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705CT4GRS/D Datasheet(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Datasheet(HTML) 17 Page - NXP Semiconductors |
|
17 / 152 page ![]() General Description Mask Options MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA General Description 17 • Mask Options: – COP Watchdog Timer – Edge-Sensitive or Edge- and Level-Sensitive Interrupt Trigger – Port C Pullups for Keyscan – 1-Channel, 6-Bit Pulse Width Modulator (PWM) • Three Comparators • EPROM Security Feature 1.3 Mask Options The mask options on the MC68HC705CT4 are handled by the eight EPROM bit mask option register (MOR). These options are: • Six port C pullups • The IRQ sensitivity • COP enable/disable NOTE: ROM versions of this device will have these options programmed by the factory. NOTE: A line over a signal name indicates an active-low signal. For example, RESET is active low. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |