| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705CT4GRS/D Datasheet(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Datasheet(HTML) 44 Page - NXP Semiconductors |
|
44 / 152 page ![]() Resets General Release Specification MC68HC705CT4 — Rev. 2.0 44 Resets MOTOROLA reset the CPU and peripherals. Termination of the external RESET input or the internal COP watchdog reset are the only reset sources that can alter the operating mode of the MCU. NOTE: Activation of the RST signal is generally referred to as reset of the device, unless otherwise specified. Figure 5-1. Reset Block Diagram CPU LATCH RESET COP WATCHDOG (COPR) RST OSC DATA ADDRESS PH2 TO OTHER PERIPHERALS S IRQ/VTST MODE SELECT TO IRQ LOGIC LATCH R POWER-ON RESET (POR) VDD ILLEGAL ADDRESS (ILLADDR) ADDRESS CLOCKED D D Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |