| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705CT4GRS/D Datasheet(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Datasheet(HTML) 26 Page - NXP Semiconductors |
|
26 / 152 page ![]() Memory General Release Specification MC68HC705CT4 — Rev. 2.0 26 Memory MOTOROLA and $1FF3 — are general-purpose user EPROM locations. Location $1F00 is the mask option register (MOR). The contents of the EPROM cannot be prevented from being viewed externally, since security is not incorporated into the MC68HC705CT4. 2.5 Random-Access Memory (RAM) The user RAM consists of 256 bytes of a shared stack area. The RAM starts at address $0030 and ends at address $012F. The stack begins at address $00FF. The stack pointer can access 64 bytes of RAM in the range $00FF to $00C0. NOTE: Using the stack area for data storage or temporary work locations requires care to prevent it from being overwritten due to stacking from an interrupt or subroutine call. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |