| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705MC4GRS/D Datasheet(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D Datasheet(HTML) 24 Page - NXP Semiconductors |
|
24 / 180 page ![]() General Description MC68HC705MC4 — Rev. 2.0 General Description startup. The load capacitance values used in the oscillator circuit design should include all stray capacitances. Mount the crystal and components as close as possible to the pins for startup stabilization and to minimize output distortion. The ground return path for C1 and C2 should be as direct to VSS (pin 6) as possible to minimize the oscillator loop area. Figure 1-4. Oscillator Connections 1.5.2.2 Ceramic Resonator In cost-sensitive applications, use a ceramic resonator in place of a crystal. Use the circuit in Figure 1-4(a) for a ceramic resonator and follow the resonator manufacturer’s recommendations, as the resonator parameters determine the external component values required for maximum stability and reliable starting. The load capacitance values used in the oscillator circuit design should include all stray capacitances. Mount the resonator and components as close as possible to the pins for startup stabilization and to minimize output distortion. 1.5.2.3 External Clock An external clock from another CMOS-compatible device can be connected to the OSC1 input, with the OSC2 input not connected, as shown in Figure 1-4(b). TO VDD (OR STOP CONTROL) TO VDD (OR STOP CONTROL) (a) Crystal or Ceramic Resonator Connections (b) External Clock Source Connections OSC1 OSC2 MCU MCU OSC1 OSC2 UNCONNECTED EXTERNAL CLOCK *Typical values shown. Follow the ceramic resonator manufacturer’s recommendations for values of R, C1, and C2. Rexternal C1 C2 15–18 pF* 15–18 pF* 2 M Ω∗ Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |