| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705MC4GRS/D Datasheet(PDF) 99 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D Datasheet(HTML) 99 Page - NXP Semiconductors |
|
99 / 180 page ![]() Pulse Width Modulator PWM Control Registers General Release Specification Pulse Width Modulator 10.4 PWM Control Registers The following control registers direct the function of the PWM subsystem. • Control register A (CTL-A) • Control register B (CTL-B) • Rate register (RATE) • Update register (UPDATE) 10.4.1 Control Register A and Control Register B Control register A directs PWM channel A which can drive PA1, PA3, and PA5. Control register B directs PWM channel B which can drive PA2, PA4, and PA6. As the function of CTL-A and CTL-B are identical except for the channel name. The descriptions below apply to both, and the channel is referred to as 'x’. Address: $0014 Bit 7 654321 Bit 0 Read: MEA POLA MSKA3 MSKA2 MSKA1 CSA3 CSA2 CSA1 Write: Reset: 00000000 Figure 10-3. PWM Control-A Register (CTL-A) Address: $0015 Bit 7 654321 Bit 0 Read: MEB POLB MSKB3 MSKB2 MSKB1 CSB3 CSB2 CSB1 Write: Reset: 00000000 Figure 10-4. PWM Control-B Register (CTL-B) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |