| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705MC4GRS/D Datasheet(PDF) 72 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D Datasheet(HTML) 72 Page - NXP Semiconductors |
|
72 / 180 page ![]() Analog Subsystem MC68HC705MC4 — Rev. 2.0 Analog Subsystem 8.2 Introduction The MC68HC705MC4 includes a 6-channel, 8-bit, multiplexed input, successive approximation analog-to-digital (A/D) converter, with six of the inputs available on external pins and four additional internal channels. Refer to Figure 8-1 for a block diagram of the analog subsystem. Figure 8-1. Analog Subsystem Block Diagram INPUT MULTIPLEXER CH3 CH2 CH1 DIGITAL- TO-ANALOG CONVERTER ADON COCO INTERNAL RC OSCILLATOR ADRC AD3 AD2 AD1 AD0 VREFH VREFL INTERNAL CLOCK (XTAL ÷ 2) COMPARATOR CONTROL LOGIC CH0 AD5 AD4 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |