Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE898BA Datasheet(PDF) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

No. de pieza PE898BA
Descripción Electrónicos  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Página de inicio  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE898BA Datasheet(HTML) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE898BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
REV 1.1
3
L-47-5
N-Channel Enhancement Mode
Field Effect Transistor
PE898BA
PDFN 3x3P
Halogen-Free & Lead-Free
NIKO-SEM
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
3
IS
10
A
Forward Voltage
1
VSD
IF = 13A, VGS = 0V
1.2
V
Reverse Recovery Time
trr
IF = 13A, dlF/dt = 100A / S
21
nS
Reverse Recovery Charge
Qrr
11
nC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature.
3Current limited by package.



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com