Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE898BA Datasheet(PDF) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

No. de pieza PE898BA
Descripción Electrónicos  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Página de inicio  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE898BA Datasheet(HTML) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE898BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
REV 1.1
4
L-47-5
N-Channel Enhancement Mode
Field Effect Transistor
PE898BA
PDFN 3x3P
Halogen-Free & Lead-Free
NIKO-SEM
Output Characteristics
Transfer Characteristics
VDS, Drain-To-Source Voltage(V)
VGS, Gate-To-Source Voltage(V)
On-Resistance VS Gate-To-Source
Voltage
On-Resistance VS Drain Current
VGS, Gate-To-Source Voltage(V)
ID , Drain-To-Source Current(A)
On-Resistance VS Temperature
Capacitance Characteristic
VDS, Drain-To-Source Voltage(V)
TJ , Junction Temperature(
˚C)
25℃
125℃
-20℃
0
6
12
18
24
30
0
1
2
3
4
5
0
6
12
18
24
30
0
1
2
3
4
5
6
VGS=10V
VGS=9V
VGS=8V
VGS=7V
VGS=6V
VGS=5V
VGS=4.5V
VGS=3.2V
VGS=3.1V
VGS=3.3V
VGS=3V
0
0.002
0.004
0.006
0.008
0.01
0
6
12
18
24
30
VGS=10V
VGS=4.5V
0
0.004
0.008
0.012
0.016
0.02
2
4
6
8
10
ID=13A
CISS
COSS
CRSS
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
5
10
15
20
25
30
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
VGS=10V
ID=13A



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com