Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE898BA Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

No. de pieza PE898BA
Descripción Electrónicos  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Página de inicio  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE898BA Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE898BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PE898BA Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV 1.1
1
L-47-5
N-Channel Enhancement Mode
Field Effect Transistor
PE898BA
PDFN 3x3P
Halogen-Free & Lead-Free
NIKO-SEM
G
D
S
100% UIS Tested
100% Rg Tested
G
S
S
S
#1
D
D
D D
Features
• Pb−Free, Halogen Free and RoHS compliant.
• Low R
DS(on) to Minimize Conduction Losses.
• Ohmic Region Good R
DS(on) Ratio.
• Optimized Gate Charge to Minimize Switching Losses.
Applications
• Protection Circuits Applications.
• Computer for DC to DC Converters Applications.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
4
TC = 25 °C
ID
52
A
TC = 100 °C
33
Pulsed Drain Current
1
IDM
82
Continuous Drain Current
TA = 25 °C
ID
19
TA = 70 °C
15
Avalanche Current
IAS
31
Avalanche Energy
L = 0.05mH
EAS
24
mJ
Power Dissipation
TC = 25 °C
PD
23
W
TC = 100 °C
9.4
Power Dissipation
3
TA = 25 °C
PD
3.1
W
TA = 70 °C
2
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
G. GATE
D. DRAIN
S. SOURCE
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
30V
4.8mΩ
52A


Número de pieza similar - PE898BA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Electronic devices inc.
PE80 EDI-PE80 Datasheet
69Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Pasternack Enterprises,...
PE8000-50 PASTERNACK-PE8000-50 Datasheet
447Kb / 3P
Zero Biased Detector With 50 Ohm BNC Male to BNC Female Video Out Operating From 0.1 MHz to 1,000 MHz
PE8000-75 PASTERNACK-PE8000-75 Datasheet
113Kb / 1P
75 OHM BNC MALE TO OHM BNC FEMALE DETECTOR, FREQUENCY RANGE:100 KHz=1,000 MHz
PE8001 PASTERNACK-PE8001 Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 500 MHz to 1,000 MHz
PE8001-P PASTERNACK-PE8001-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 500 MHz to 1,000 MHz
More results

Descripción similar - PE898BA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com