| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSPIC30F Datasheet(PDF) 76 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F Datasheet(HTML) 76 Page - Microchip Technology |
|
76 / 220 page ![]() dsPIC30F5011/5013 DS70116C-page 74 Preliminary 2004 Microchip Technology Inc. FIGURE 11-2: 16-BIT TIMER4 BLOCK DIAGRAM FIGURE 11-3: 16-BIT TIMER5 BLOCK DIAGRAM TON Sync PR4 T4IF Equal Comparator x 16 TMR4 Reset Event Flag TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 Gate T4CK Sync Q Q D CK TON PR5 T5IF Equal Comparator x 16 TMR5 Reset Event Flag TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 T5CK ADC Event Trigger Sync Q QD CK Note: In the dsPIC30F5011 device, there is no T5CK pin. Therefore, in this device the following modes should not be used for Timer5: 1: TCS = 1 (16-bit counter) 2: TCS = 0, TGATE = 1 (gated time accumulation) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |