Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HS-82C54RH Datasheet(PDF) 1 Page - Renesas Technology Corp

No. de pieza HS-82C54RH
Descripción Electrónicos  Radiation Hardened CMOS Programmable Interval Timer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS-82C54RH Datasheet(HTML) 1 Page - Renesas Technology Corp

  HS-82C54RH Datasheet HTML 1Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 2Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 3Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 4Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 5Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 6Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 7Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 8Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN3043 Rev 2.00
Page 1 of 17
Aug 2000
FN3043
Rev 2.00
Aug 2000
HS-82C54RH
Radiation Hardened CMOS Programmable Interval Timer
DATASHEET
The Intersil HS-82C54RH is a high performance, radiation
hardened CMOS version of the industry standard 8254 and
is manufactured using a hardened field, self-aligned silicon
gate CMOS process. It has three independently
programmable and functional 16-bit counters, each capable
of handling clock input frequencies of up to 5MHz. Six
programmable timer modes allow the HS-82C54RH to be
used as an event counter, elapsed time indicator, a
programmable one-shot, or for any other timing application.
The high performance, radiation hardness, and industry
standard configuration of the HS-82C54RH make it
compatible with the HS-80C86RH radiation hardened
microprocessor.
Static CMOS circuit design insures low operating power. The
Intersil hardened field CMOS process results in performance
equal to or greater than existing radiation resistant products
at a fraction of the power.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95713. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/space.asp
Features
• Electrically Screened to SMD # 5962-95713
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Performance
- Total Dose. . . . . . . . . . . . . . . . . . . . . 100 krad(Si) (Max)
- Transient Upset . . . . . . . . . . . . . . . . . . . .>108 rad(Si)/s
- Latch Up Free EPI-CMOS
• Low Power Consumption
- IDDSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
A
- IDDOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12mA
• Pin Compatible with NMOS 8254 and the Intersil 82C54
• High Speed, “No Wait State” Operation with 5MHz
HS-80C86RH
• Three Independent 16-Bit Counters
• Six Programmable Counter Modes
• Binary or BCD Counting
• Status Read Back Command
• Hardened Field, Self-Aligned, Junction Isolated CMOS
Process
• Single 5V Supply
• Military Temperature Range . . . . . . . . . . . -55oC to 125oC
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962R9571301QJC
HS1-82C54RH-8
-55 to 125
5962R9571301QXC
HS9-82C54RH-8
-55 to 125
5962R9571301VJC
HS1-82C54RH-Q
-55 to 125
Data Sheet
August 2000


Número de pieza similar - HS-82C54RH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
Radiation Hardened CMOS Programmable Interval Timer
August 1995
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
203Kb / 17P
Radiation Hardened CMOS Programmable Interval Timer
August 2000
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
Radiation Hardened CMOS Programmable Interval Timer
August 2000
More results

Descripción similar - HS-82C54RH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
CMOS Programmable Interval Timer
March 1997
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
Radiation Hardened CMOS Programmable Interval Timer
August 1995
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
Radiation Hardened CMOS Programmable Interval Timer
August 2000
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
CMOS Programmable Interval Timer
November 26, 2013
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com