Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HS-82C54RH Datasheet(PDF) 2 Page - Renesas Technology Corp

No. de pieza HS-82C54RH
Descripción Electrónicos  Radiation Hardened CMOS Programmable Interval Timer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS-82C54RH Datasheet(HTML) 2 Page - Renesas Technology Corp

  HS-82C54RH Datasheet HTML 1Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 2Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 3Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 4Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 5Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 6Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 7Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 8Page - Renesas Technology Corp HS-82C54RH Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FN3043 Rev 2.00
Page 2 of 17
Aug 2000
HS-82C54RH
Pinouts
24 LEAD CERAMIC DUAL-IN-LINE METAL SEAL PACKAGE
(SBDIP) MIL-STD-1835 CDIP2-T24
TOP VIEW
24 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
(FLATPACK) MIL-STD-1835 CDFP4-F24
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
D7
D6
D5
D4
D3
D2
D1
D0
CLK 0
OUT 0
GATE 0
GND
16
17
18
19
20
21
22
23
24
15
14
13
VDD
RD
CS
A1
A0
OUT 2
CLK 1
GATE 1
OUT 1
WR
CLK 2
GATE 2
24
23
22
21
20
19
18
17
16
15
14
13
2
3
4
5
6
7
8
9
10
11
12
1
GND
D7
D6
D5
D4
D3
D2
D1
D0
CLK 0
OUT 0
GATE 0
VDD
OUT1
GATE 1
CLK 1
GATE 2
OUT 2
WR
RD
CS
A1
CLK 2
A0
Pin Descriptions
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
D7-D0
1-8
I/O
DATA: Bi-directional three state data bus lines, connected to system data bus.
CLK 0
9
I
CLOCK 0: Clock input of Counter 0.
OUT 0
10
O
OUT 0: Output of Counter 0.
GATE 0
11
I
GATE 0: Gate input of Counter 0.
GND
12
GROUND: Power supply connection.
OUT 1
13
O
OUT 1: Output of Counter 1.
GATE 1
14
I
GATE 1: Gate input of Counter 1.
CLK 1
15
I
CLOCK 1: Clock input of Counter 1.
GATE 2
16
I
GATE 2: Gate input of Counter 2.
OUT 2
17
O
OUT 2: Output of Counter 2.
CLK 2
18
I
CLOCK 2: Clock input of Counter 2.
A0, A1
19-20
I
ADDRESS: Select inputs for one of the three counters or Control Word Register for read/write
operations. Normally connected to the system address bus.
A1
A0
Selects
0
0
Counter 0
0
1
Counter 1
1
0
Counter 2
1
1
Control Word Register
CS
21
I
CHIP SELECT: A low on this input enables the HS-82C54RH to respond to RD and WR signals. RD
and WR are ignored otherwise.
RD
22
I
READ: This input is low during CPU read operations.
WR
23
I
WRITE: This input is low during CPU write operations.
VDD
24
VDD: The +5V power supply pin. A 0.1
F capacitor between pins 12 and 24 is recommended for
decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com