Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

370ENC Datasheet(PDF) 1 Page - Emerson Network Power

No. de pieza 370ENC
Descripción Electrónicos  Rosemount™ 370XA Enclosure for Natural Gas Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EMERSON-NETWORKPOWER [Emerson Network Power]
Página de inicio  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

370ENC Datasheet(HTML) 1 Page - Emerson Network Power

  370ENC Datasheet HTML 1Page - Emerson Network Power 370ENC Datasheet HTML 2Page - Emerson Network Power 370ENC Datasheet HTML 3Page - Emerson Network Power 370ENC Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rosemount™ 370XA Enclosure
for Natural Gas Applications
Product Data Sheet
February 2018
Rosemount 370XA Enclosure
NGC-PDS-370XA-Enclosure
Rosemount™370XA Enclosure
Natural Gas Chromatographs are often
used in isolated locations for custody
transfer applications. This can leave the gas
chromatograph vulnerable to tampering and the
gas canisters susceptible to theft. In addition to
isolated locations, the gas chromatograph and
its sampling handling system can be exposed
to extreme environmental conditions. These
conditions may allow the gas in the sample
system to fall below the Hydrocarbon Dew Point
of the gas, causing liquid fallout and inaccurate
flow measurements.
An insulated clamshell enclosure for the gas chromatograph
and a small calibration gas cylinder provides protection from
intrusion from un-authorized third parties and theft with
its lead-seal feature. An optional heater ensures an ambient
environment of 68 °F (20 °C) when outside temperatures drop
to -4 °F (-20 °C), keeping the gas above its Hydrocarbon Dew
Point.
Features
The enclosure meets CSA Class I, Division 1 certification and is
easy to use. The enclosure comes with the gas chromatograph
prewired to an external Class I, Division 1 junction box, reducing
the complexity of installation and saving you time and costs.
Designed for Extreme Environments
„
UV, sea-water and fungi resistance
„
Ability to lock and lead-seal the enclosure to prevent
unauthorized 3rd party access
Reduced Installation Costs
„
Small, composite clamshell replaces the need for a
conventional single room or dual room analyzer building
that is cost prohibitive for lower volume applications
„
Enclosure enables locating the Rosemount 370XA Gas
Chromatograph close to the sample point, shortening the
heated sample lines
„
Internal tubing and wiring plumbed and connected to the
Rosemount 370XA Gas Chromatograph before arriving in
the field for easier and quicker field installation
Ease of Use
„
No need to remove the Rosemount 370XA Gas
Chromatograph from the enclosure to perform routine
maintenance as the enclosure is designed with sufficient
space and big hands in mind
„
Enclosure’s clamshell lid with stainless steel lid stays and
spring loaded retainer chains is easy to lift yet will not close
accidentally for increased safety
„
Heat-trace boot entry tubing for sample gas ensures thermal
stability to keep the gas sufficiently above its Hydrocarbon
Dew Point of the gases to avoid liquid fallout


Número de pieza similar - 370ENC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
370 LITTELFUSE-370 Datasheet
91Kb / 2P
SUBMINIATURE FUSES
logo
Intel Corporation
370 INTEL-370 Datasheet
879Kb / 68P
Celeron M Processor on 90 nm Process
logo
List of Unclassifed Man...
370 ETC2-370 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
logo
Advanced Energy Industr...
370 ADVANCEDENERGY-370 Datasheet
132Kb / 4P
TREK 370
logo
Littelfuse
370 LITTELFUSE-370 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Descripción similar - 370ENC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ2013H TI-BQ2013H Datasheet
195Kb / 24P
Gas Gauge IC for Power- Assist Applications
BQ2013HSN-A514TR TI-BQ2013HSN-A514TR Datasheet
295Kb / 29P
Gas Gauge IC for Power- Assist Applications
logo
STMicroelectronics
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
AN3064 STMICROELECTRONICS-AN3064 Datasheet
301Kb / 15P
Using the STC3100 battery monitor for gas gauge applications
19-Oct-2009
logo
MKS Instruments.
PRECISIVE5-242B MKS-PRECISIVE5-242B Datasheet
423Kb / 2P
Natural Gas Pipeline Analyzer
PRECISIVE5-282 MKS-PRECISIVE5-282 Datasheet
421Kb / 2P
NATURAL GAS CALORIFIC VALUE/WOBBE INDEX MONITOR
logo
Emerson Network Power
2460 EMERSON-NETWORKPOWER-2460 Datasheet
3Mb / 24P
Rosemount??2460 System Hub for tank gauging systems
logo
Zhengzhou Winsen Electr...
MQ138 WINSEN-MQ138 Datasheet
560Kb / 6P
Gas Sensor for VOC Gas
logo
Sensirion AG Switzerlan...
SFM4300 SENSIRION-SFM4300 Datasheet
1Mb / 23P
Flow Sensor for Gas Mixing Applications
Version 1.0 April 2022
logo
E+E Elektronik Ges.m.b....
EE75 EPLUSE-EE75 Datasheet
1Mb / 9P
Highly Accurate Air / Gas Velocity Sensor for Industrial Applications
03-2023
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com